PART |
Description |
Maker |
ADM3485EARZ-REEL ADM3485EAR-REEL ADM3485EAR-REEL7 |
ESD Protected, EMC Compliant, 3.3V, 12 Mbps, EIA RS-485 Transceiver; Package: SOIC; No of Pins: 8; Temperature Range: Industrial LINE TRANSCEIVER, PDSO8 ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
|
Analog Devices, Inc.
|
CA82C37A-8ED CA82C37A-5ED CA82C37A-10CD CA82C37A-1 |
/- 15 kV ESD protected 5 V RS-232 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver DMA Controller 5 V powered multi-channel RS-232 drivers and receivers DMA控制
|
Linear Technology, Corp.
|
ADM1490EBRMZ ADM1490EBRMZ-REEL7 ADM1490E ADM1490EB |
16 Mbps, ESD Protected, Full-Duplex RS-485 Transceivers
|
http:// Analog Devices
|
ST3485EBDR ST3485EB ST3485EC ST3485ECDR ST3485ECN |
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
|
STMicroelectronics
|
ST1480AC ST1480ACDR ST1480ACN ST1480ABDR |
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
|
STMicroelectronics
|
MAX3093E MAX3093ECPE MAX3093ECSE MAX3093ECUE MAX30 |
±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Replaced by TMS320C6455 : Multimedia Video Processor 305-CPGA ??5kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Floating-Point Digital Signal Processor 256-BGA QUAD LINE RECEIVER, PDSO16 15kV ESD-Protected / 10Mbps / 3V/5V / Low-Power Quad RS-422/RS-485 Receivers " ?à15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers" 15kV ESD-Protected 10Mbps 3V/5V Low-Power Quad RS-422/RS-485 Receivers 【15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers ±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
|
MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
ADM2482E ADM2487E |
2.5 kV Signal Isolated, ESD Protected, Full/Half Duplex RS-485 Transceiver w/ Transformer Driver (16 Mbps) 2.5 kV Signal Isolated, ESD Protected, Full/Half Duplex RS-485 Transceiver w/ Transformer Driver (500 kbps)
|
Analog Devices
|
MAX3186 MAX3186CAP MAX3186CWP MAX3186EAP MAX3186EW |
±15kV ESD-Protected, EMC Compliant, 230kbps RS-232 Serial Port for Modems 【15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems ±15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems 15kV ESD-Protected / EMC-Compliant / 230kbps RS-232 Serial Port for Modems 2.5-V/3.3-V Oscillator Gain Stage/Buffer with Enable 8-WSON -40 to 85 5kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems LINE TRANSCEIVER, PDSO20 ??5kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX3316 MAX3316E MAX3316ECAE MAX3316ECUP MAX3316EE |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Quad LVDS Receiver 16-SOIC -40 to 85 【15kV ESD-Protected, 2.5V, 1レA, 460kbps, RS-232 Compatible Transceivers 15kV ESD-Protected, 2.5V, 1A, 460kbps, RS-232 Compatible Transceivers ±15kV ESD-Protected, 2.5V, 1μA, 460kbps, RS-232 Compatible Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX1488 MAX1488E MAX1488ECPD MAX1488ECSD MAX1488EE |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver 【15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver 15kV ESD-Protected / Quad / Low-Power RS-232 Line Driver Quad, Low-Power RS-232 Line Driver(卤12V锛??5KVESD淇??锛?20kbps锛?S-232椹卞???
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX221E MAX221ECAE MAX221ECUE MAX221EEAE MAX221EEU |
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown 15kV ESD-Protected, 5V, 1A, Single RS-232 Transceiver with AutoShutdown 【15kV ESD-Protected, 5V, 1レA, Single RS-232 Transceiver with AutoShutdown ±15kV ESD-Protected, 5V, 1µA, Single RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|